reflo w table 1 frequency stability v (temperature, aging, vdd+/-5% load change, & adjustment at 25c) iso9001:2000 registered for quotations or further information please contact us at: 3 the business centre, molly millars lane, wokingham, berks, rg41 2ey, uk http://www.actcrystals.com tel : 0044 (0) 118 979 1238 fax : 0044 (0) 118 979 1283 email : info@actcrystals.com 0.6ns typical 5ps rms ma x 1.25vdc - lvds @ 20/80% 1.125vdc max (lvds ) 1.375vdc min (lvds) vdd -1.63vdc max (lvpecl ) vdd -1.02vdc min (lvpecl) 3.3vdc lvpecl please specif y please specif y 2v5vdc lvpecl 2v5vdc lvpecl 2v5vdc lvds 3.3vdc lvpecl please specif y vdd -1.30vdc - lvpecl fa tr/tf n/cl tosc 50 into vdd -2.0v (lvpecl ) 10ms ma x 3ppm / year ma x tw/ t 100 differential load (lvds ) 0 ~ +70c std, -40 ~ +85c also availabl e -55 to +125c 2.5vdc & 3.3vdc 5% 70ma up to 320.0 mh z condition specification 181.0 ~ 650.00 mhz (pll) please refer to table 1 please specif y aging jitte r fo df/f o frequency rang e frequency stabilit y top r tstg vdd tj the act912 pecl / lvds oscillator is a miniature low profile device allowing for frequencies from 181.0 to 650.0 mhz to be available in a 7x5 mm surface mount device. this device is suitable for a wide range of applications where board space dictates small size and / or automatic assembly is a requirement. it is suitable for design into many applications including communications equipment, networking and many more. ACT9212 lvpecl / lvds oscillato r specification please note that all parameters can not necessarily be specified in the same device vol symbol parameter 90ma 321.0 ~650.0 mhz 80ma up to 320.0 mh z 100ma 321.0 ~650.0 mhz output load start-up time 65ma 181.0~ 650.0 mhz 65ma 181.0 ~ 650.0 mhz 40 / 60% std voh 3.3vdc lvds temp operating rang e output level ?1? rise & fall time (max ) duty cycle output level ?0? temp storage rang e supply voltag e supply current (max ) io p -10 ~ +70c -20~+70c -40 ~ +85c +/-20ppm +/-25ppm +/-30ppm +/-50ppm +/-100ppm standard customer to specify :frequency, frequency stability, operating temperature range, output enable, voltage, duty cycle & output ty p in line with our ongoing policy of product evolvement and improvement, the above specification is subject to change without not ice. see reflow profile ( page 2 ) issue :2 d2 date : 9/11/05 tri-state n/c ground output complementary output vdd #1 #2 #3 #4 #5 #6 pin co nn ect i on pad surface material au
tel : +44 118 979 1238 fax : +44 118 979 1283 email : info@actcrystals.com ACT9212 tape and reel dimensions (mm) reels of 1kpc s in line with our ongoing policy of product evolvement and improvement, the above specification is subject to change without not ice. iso9001: 2000 registered for quotations or further information please contact us at: 3 the business centre, molly millars lane, wokingham, berks, rg41 2ey, uk http://www.actcrystals.com issue :2 d2 date : 9/11/05
|